PART |
Description |
Maker |
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
P038 MPSD01 |
500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BSX20CSM BSX20CSM-JQR-AG4 |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR Bipolar NPN Device in a Hermetically sealed LCC1
|
SEMELAB LTD Seme LAB
|
2PD601AR 2PD601ASW 2PD601ART/R 2PD601AQ 2PD601AQW |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC, SC-59A, TO-236, 3 PIN NPN general purpose transistors; 50 V, 100 mA
|
NXP Semiconductors N.V.
|
KSP13BU KSP13TF |
NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SD1478A |
Silicon NPN epitaxial planer type darlington(For low-frequency amplification) 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp.
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MSD1328-T1_D MSD1328-RT1 MSD1328RT1 ON2376 |
NPN Low Voltage Output Amplifier Surface Mount 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
|